Electronic Components Datasheet Search
  English  ▼

X  

TESTO635 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # TESTO635
Description  Humidity/temperature measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO635 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  TESTO635 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 2Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 3Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 4Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 5Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 6Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 7Page - Testo SE & Co. KGaA TESTO635 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
testo 635
Accessories
0554 0549
0554 0568
0554 0610
0520 0006
0520 0071
0520 0136
0520 0185
0520 0106
0520 0013
0520 0083
0520 0206
0520 0213
0520 0283
0520 0481
0520 0981
Testo fast printer IRDA with wireless infrared interface; 1 roll thermal paper; 4 AA batteries
Spare thermal paper for printer (6 rolls), permanent ink
External fast charger for 1-4 AA rech. batteries, incl. 4 Ni-MH rech. batteries with individual cell charging and charge
control display, incl. impulse trickle charging, integrated discharge function, with built-in international mains plug,
100-240 V, 300 mA, 50/60 Hz
ISO calibration certificate humidity, Calibration points 11.3 %RH and 75.3 %RH at +25 °C
ISO calibration certificate/temperature, meas. instr. with surface probe; calibration points +60°C; +120°C; +180°C
ISO calibration certificate dewpoint, two adjustment points -10/-40 °Ctd at 6 bar
ISO calibration certificate/absolute pressure, 3 meas. points distributed over meas. range
Absolute pressure; accuracy 0.1 to 0.6; 3 points distributed over meas. range (0 to 70 bar)
ISO calibration certificate/humidity
cal. points freely selectable from 5 to 95%RH at +15 to +35°C or at -18 to +80°C
ISO calibration certificate/humidity, saturated saline solutions: calibration point 11.3%RH
ISO calibration certificate/humidity, saturated saline solutions, calibration point 75.3%RH
DAkkS calibration certificate/humidity, electronic hygrometers; calibration points 11.3%RH and 75.3%RH at +25°C
DAkkS calibration certificate/humidity, saturated saline solutions; calibration point 11.3%RH
DAkkS calibration certificate/humidity, saturated saline solutions; calibration point 75.3%RH
ISO calibration certificate/U-value probe
DAkkS calibration certificate/U-value probe
Transport and Protection
Additional accessories and spare parts
Printer and Accessories
Calibration Certificates
We measure it.
0516 0035
0516 0435
0554 0660
0554 0756
0554 2140
0554 0447
0515 0028
0554 0761
Service case for basic equipment of measuring instrument and probes, dimensions: 400 x 310 x 96 mm
Service case for measuring instrument, probe and accessories, dimensions 520 x 380 x 120 mm
Control and adjustment set for Testo humidity probes, salt solution with 11.3% RH and 75.3% RH, incl. adapter for
Testo humidity probes
Sintered PTFE filter, Ø 12 mm, for corrosive media
High humidity range (long-term measurements), high flow velocities.
Cap for bore holes, for humidity probe Ø 12 mm
Measures equilibrium moisture in bore holes
Plug-in mains adapter, 5 VDC 500 mA with European adapter, 100-250 VAC, 50-60 Hz
Lithium battery button cell, CR2032 AA batteries for radio handle
Adhesive material for fixing and sealing
Part no.
0554 0641
Stainless steel sintered filter, pore size 100 μm, probe protection in dusty atmospheres or higher flow velocities
testo-635-P03
13.11.2013
14:48
Seite 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com