Electronic Components Datasheet Search
  English  ▼

X  

TESTO570 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO570
Description  Testo 570 Digital Manifold with Data Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO570 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO570 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO570 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Testo 570 Digital Manifold with Data Storage
Information subject to change without notice.
Technical Data
Ordering Information
Testo Inc.
800-227-0729
info@testo.com
www.testo.com
Distributor:
o
PART NUMBER
testo 570 Set - Digital manifold testo 570 including
batteries, calibration certificate, 2X clamp probe,
transport case and USB data cable
0563 5703
TEMPERATURE PROBES
Clamp probe for pipes from 1/4” to 1-1/3” , NTC
0613 5505
Pipe wrap probe with Velcro tape for pipe diameters
of up to max. 75mm, Tmax 167°F, NTC
0613 4611
Watertight NTC surface probe for flat surfaces
0613 1912
Precise, robust NTC air probe
0613 1712
Pipe clamp probe for pipe diameters 5 to 65mm
0613 5605
ACCESSORIES
Current probe for the measurement of current
consumption on compressors with switchable
measuring range
0554 5607
Oil pressure probe for checking oil level in compressor
0638 1742
Transport case, with space for testo 570, probes,
accessories and refrigerant hoses
0516 5700
Power supply, 5VDC 500mA with Euro plug,
100-250VAC, 50-60Hz
0554 0447
EasyKool software
0554 5604
Testo fast printer with wireless infrared interface,
1 roll of thermal paper and 4 AA batteries
0554 0549
USB connection cable, instrument-PC
0449 0047
HOUSING:
Material
IP Protection class: 42
Dimensions
11in. x 5.25in. x 3in.
Weight
approx. 2.6 lb (without batteries)
IP-class
42
POWER SUPPLY:
Current source
4 x AA
Battery life
>40 hrs. (without backlight), 72oF
DISPLAY:
Type
Illuminated LCD display
WARRANTY DURATION: 2 years
Pressure
psi /kPa / MPa/ bar
Temperature
oF / oC / K
Vacuum
psi / hPa / mbar / Torr / in H2O / Micron / in Hg / Pa / bar
Pressure
2 x pressure sensors
Temperature
3 x NTC
Interfaces
3 x Mini-DIN, 1x Mini USB, 1x IR
MEASURING RANGES:
Pressure HP/LP (rel)
0 to 725 psi; -100 to 5000 kPa; -0.1 to 5 MPa; -1 to 50 bar;
Temperature
-58° to 302°F
Vacuum (rel)
-14.5 to 0 psi
Overload pressure
754 psi; 52 bar
RESOLUTION:
Pressure
0.1 psi; 1 kPa; 0.001 MPa; 0.01 bar;
Temperature
0.1 °F ; 0.1 °C
Vacuum
1hPa/ 0.5Torr/ 0.5inH2O/ 100Pa/ 500Micron / 1mbar
ACCURACY (AT 72° F):
Pressure
± 0.5 %fs
Temperature
± 1.0 °F
Vacuum
500Micron / 1hPa / 0.5Torr / 0.5inH2O/ 100Pa / 1mbar
No. of refrigerants
40
Selectable refrigerants
R12, R22, R123, R134a, R227, R290, R401A, R401B,
R402A, R402B, R404A, R406A, R407A, R407C, R408A,
R409A, R410A, R411A, R413A,R414B, R416A, R417A,
R420A, R421A, R421B, R422A, R422B, 422D, R424A,
R427A, R434A, R437A, R438A, R502, R503, R507,
R600, R600a, R744, R1234yfR
Measurable media
CFC, HFC, N, H2O, CO2
AMBIENT CONDITIONS:
Operating temperature
-4o to 122oF
Storage temperature
-4o to 140oF
Humidity application range 10 to 90%RH
SENSORS:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com