Electronic Components Datasheet Search
  English  ▼

X  

TESTO552 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO552
Description  testo 552 Digital Vacuum/Micron Gauge with Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO552 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO552 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO552 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Testo Smart Probes App
The Testo Smart Probes App combines the
power of your smart phone/tablet with the
accurate measurements of your testo 552.
The operation and display of the instruments are
communicated via Bluetooth to the App on your
smart phone or tablet . The Smart Probes App
uses the measurements to create custom reports
(including added photos and comments).
Information and reports can be saved as files
and/or sent by e-mail. For Apple iOS and Android.
www.testo.com
testo 552
Technical data/accessories
testo 552
testo 552, digital vacuum micron gauge with
Bluetooth
Order no. 0560 5522
Sensor type
Absolute pressure sensor
Vacuum measuring
range
0 to 20,000 microns (0 to +26.66 mbar)
Accuracy vacuum
±1 digit (at +72 °F)
±10 microns + 10 % of m.v.
(100 to 1,000 microns)
Resolution
1 micron (0 to 1,000 microns)
10 microns (1,000 to 2,000 microns)
100 microns (2,000 to 5,000 microns)
500 microns (5,000 to 10,000 microns)
5,000 microns (10,000 to 20,000 microns)
Overload vacuum
Absolute: 87 psi (6 bar)
Relative: 72 psi (5 bar)
General technical data
Storage temperature
-4 to 122 °F (-20 to +50 °C)
Operating temperature
14 to 122 °F (-10 to +50 °C)
Dimensions
9.8 x 6.5 x 2.2 in. (250 x 165 x 55 mm)
Weight
Approx. 1.1 lb. (500 g)
Protection class
IP 42
Battery type
2 AA batteries
Battery life
50 hrs
(without Bluetooth/backlighting)
Connection
2 x 1/4" SAE (7/16" UNF)
1 x mini - DIN (connection to testo 570)
Measurement value
sensor
Pirani sensor
Parameters
mmHg, Torr, mbar, hPa, micron,
inH
20, inHg, Pa
Measurement rate
0.5 s
Warranty
2 years
Compatability App
connection
requires iOS 8.3 or newer /
Android 4.3 or newer
requires mobile device with
Bluetooth 4.0
Accessories
Order no.
Connection cable (with MiniDin plug)
for connecting testo 552 to the digital
manifold testo 570
0554 5520



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com