Electronic Components Datasheet Search
  English  ▼

X  

TESTO435 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # TESTO435
Description  Multi-function measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO435 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  TESTO435 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 2Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 3Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 4Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 5Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 6Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 7Page - Testo SE & Co. KGaA TESTO435 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sensor types
testo 435-2/-4
testo 435-3/-4
Lux
Measuring range
0 to +100000 Lux
Accuracy
±1 digit
See probe data
Resolution / Overload
1 Lux; 0.1 Hz
Differential pressure probe, internal
0 to +25 hPa
±0.02 hPa (0 to +2 hPa)
±1% of mv (remaining range)
0.01 hPa / 200 hPa
testo 435
Technical data
testo 435-1
testo 435-2
testo 435-3
testo 435-4
XXXX
XXXX
X
X
X
X
X
XX
X
X
X
XX
XXX
X
X
XX
X
XX
XX
XX
XX
XX
XX
XXXX
IAQ probe for the measurement of CO
2, air temperature, indoor air humidity
and absolute pressure
Thermal flow velocity probe with integrated temperature and air humidity
measurement
Vane and hot wire probes
Temperature probe for immersion/penetration, air and surface measurements
Wireless probes for temperature measurements
Ambient CO probe
Absolute pressure probe
Integrated differential pressure measurement for flow velocity measurement
with Pitot tube and for monitoring filters (not retro-fittable)
Comfort probe for degree of turbulence measurement for the objective
evaluation of the air velocity in a room
Humidity probe for air temperature and air humidity measurements
Wireless probe for air temperature and air humidity measurement
Lux probe for the measurement of light intensity
Temperature probe for determining U-value
Instrument equipment
Easy operation with user profiles
XXXX
Illuminated display
XXXX
Testo fast printer for documenting measurement data (optional)
XX
Instrument store for 10000 measurement values (not retro-fittable)
XX
PC software for the analysis, archiving and documentation of the readings
Connectable probes (optional)
Overview of versions testo 435
The table provides a fast overview of the connectable probes and the instrument equipment per version.
We measure it.
Sensor types
testo 435-1/-2/-3/-4
NTC
Measuring range
-50 to +150 °C
Accuracy
±1 digit
±0.2 °C(-25 to +74.9 °C)
±0.4 °C (-50 to -25.1 °C)
±0.4 °C (+75 to +99.9 °C)
±0.5% of mv (remaining range)
Resolution
0.1 °C
Type K (NiCr-Ni)
-200 to +1370 °C
±0.3 °C (-60 to +60 °C)
±(0.2 °C +0.5% of mv)
(remaining range)
0.1 °C
Type T (Cu-CuNi)
-200 to +400 °C
±0.3 °C (-60 to +60 °C)
±(0.2 °C +0.5% of mv)
(remaining range)
0.1 °C
Testo humid. sensor,
cap.
0 to +100 %RH
See probe data
0.1 %RH
Vane
Measuring range
0 to +60 m/s
Accuracy ±1 digit
See probe data
Resolution
0.01m/s (60 + 100 mm Vane)
0.1 m/s (16 mm Vane)
Hot wire
0 to +20 m/s
See probe data
0.01 m/s
Absolute pressure probe
0 to +2000 hPa
See probe data
0.1 hPa
CO
2 (IAQ probe)
0 to +10000 ppm CO
2
See probe data
1 ppm CO
2
testo-435-P03
06.08.2013
14:31
Seite 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com