Electronic Components Datasheet Search
  English  ▼

X  

0803579 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803579
Description  Flat zack marker sheet - ZBFM 4/WH:UNBEDRUCKT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803579 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803579 Datasheet HTML 1Page - PHOENIX CONTACT 0803579 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0803579
18.05.2012   Page 1 / 2
Flat zack marker sheet - ZBFM 4/WH:UNBEDRUCKT - 0803579
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Flat zack marker sheet, Sheet, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap
into flat marker groove, For terminal block width: 4.2 mm, Lettering field: 4.2 x 5.2 mm
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 403 (CL-2005)
GTIN
Weight per Piece (excluding packing)
3.6 GRM
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Width (a)
4 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Pitch
4.2 mm
Material
PA
Number of individual labels
100
Number of individual labels per row
10
Pitch
4.2 mm
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103


Similar Part No. - 0803579

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803595 PHOENIX-0803595 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 5/WH:UNBEDRUCKT
More results

Similar Description - 0803579

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800268 PHOENIX-0800268 Datasheet
50Kb / 2P
Flat zack marker sheet - ZBFM 4/WH,LGS:1-100
0800734 PHOENIX-0800734 Datasheet
46Kb / 2P
Flat zack marker sheet - ZBFM 8/WH:UNBEDRUCKT
0803595 PHOENIX-0803595 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 5/WH:UNBEDRUCKT
0803618 PHOENIX-0803618 Datasheet
47Kb / 2P
Flat zack marker sheet - ZBFM 6/WH:UNBEDRUCKT
18.05.2012
0803634 PHOENIX-0803634 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 4:SO/CMS
0803647 PHOENIX-0803647 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 5:SO/CMS
0803650 PHOENIX-0803650 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 6:SO/CMS
0806819 PHOENIX-0806819 Datasheet
50Kb / 2P
Marker pin Zack strip - BNZ 5/WH:UNBEDRUCKT
0807038 PHOENIX-0807038 Datasheet
47Kb / 2P
Marker pin Zack strip - BNZ 4/WH:UNBEDRUCKT
0807180 PHOENIX-0807180 Datasheet
51Kb / 2P
Flat zack marker sheet - ZBFM 5/0G UNPRINTED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com