Electronic Components Datasheet Search
  English  ▼

X  

04300100 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # 04300100
Description  Multi-function VAC measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

04300100 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  04300100 Datasheet HTML 1Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 2Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 3Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 4Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 5Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 6Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 7Page - Testo SE & Co. KGaA 04300100 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
testo 480
Probes
We measure it.
Probe type
Vane measurement probe Ø 16 mm
with telescope (scaling max. 960
mm) and integrated measurement
button*
High-temperature vane
measurement probe Ø 16 mm with
telescope (scaling max. 960 mm)
and integrated measurement
button*
Thermal flow velocity probe (hot
wire) Ø 10 mm, bendable by 90°
(200 mm) with telescope (scaling
max. 1100 mm) and integrated
measurement button*
Thermal flow velocity probe (hot
wire) Ø 7.5 mm, with telescope
(max. 790 mm) and fixed plug-in
head cable
Thermal flow velocity probe (robust
hot bulb) Ø 3 mm, with telescope,
(max. 860 mm) and fixed plug-in
head cable, for direction-
independent flow velocity
measurement
Vane measurement probe Ø 100
mm, for measurements on
ventilation outlets*
Thermal flow velocity probe (hot
wire) Ø 10 mm, with telescope,
(max. 730 mm) and fixed plug-in
head cable, for the measurement of
air flow velocity in laboratory extrac-
tors according to EN 14175-3/-4
Humidity and temperature probe Ø
12 mm, highly accurate humidity
measurement with 1% accuracy*
IAQ probe for analyzing Indoor Air
Quality, CO
2, humidity, temperature
and absolute pressure
measurement, incl. table tripod*
Comfort probe for degree of
turbulence measurement according
to EN 13779*
Globe probe Ø 150mm, TC Type K,
for measuring radiant heat
*Plug-in head cable required (order no. 0430 0100)
Measuring
range
0.6 to 50 m/s
-10 to +70 °C
0.6 to 50 m/s
-30 to +140 °C
0 to +20 m/s
-20 to +70 °C
0 to 100 %RH
+700 to +1100
hPa
0 to +20 m/s
-20 to +70 °C
0 to +10 m/s
-20 to +70 °C
+0.1 to +15 m/s
0 to +60 °C
0 to +5 m/s
0 to +50 °C
0 to 100 %RH
-20 to +70 °C
0 to +50 °C
0 to 100 %RH
0 to +10000
ppm CO
2
+700 to +1100
hPa
0 to +50 °C
0 to +5 m/s
+700 to +1100
hPa
0 to +120 °C
Accuracy ±1 digit
±(0.2 m/s +1 % of m.v.) (0.6 to 40 m/s)
±(0.2 m/s +2 % of m.v.) (40.1 to 50 m/s)
±1.8 °C
±(0.2 m/s +1 % of m.v.) (0.6 to 40 m/s)
±(0.2 m/s +2 % of m.v.) (40.1 to 50 m/s)
±(2.5 °C +0.8 % of m.v.)
±(0.03 m/s +4% of m.v.)
±0.5 °C
±(1.8 %RH + 0.7% of m.v.)
±3 hPa
±(0.03 m/s +5% of m.v.)
±0.5 °C
±(0.03 m/s +5% of m.v.)
±0.5 °C
±(0.1 m/s +1.5% of m.v.)
±0.5 °C
±(0.02 m/s +5% of m.v.)
±0.5 °C
±(1.0 %RH + 0.7% of m.v.) 0 to 90 %RH
±(1.4 %RH + 0.7% of m.v.) 90 to 100
%RH
±0.2 °C (+15 to +30 °C)
±0.5 °C (remaining range)
±0.5 °C
±(1.8 %RH + 0.7% of m.v.)
±(75 ppm CO
2 +3 % of m.v.)
0 to +5000 ppm CO
2
±(150 ppm CO
2 +5 % of m.v.)
5001 to +10000 ppm CO
2
±3 hPa
±0.5 °C
±(0.03 m/s +4% of m.v.)
±3 hPa
Class 1
Part no.
0635 9542
0635 9552
0635 1543
0635 1024
0635 1050
0635 9343
0635 1048
0636 9743
0632 1543
0628 0143
0602 0743
Digital flow velocity probes
Digital comfort probes
testo-480-P03
05.11.2014
07:33
Seite 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com