Electronic Components Datasheet Search
  English  ▼

X  

IRU3137CS Datasheet(PDF) 16 Page - International Rectifier

Part # IRU3137CS
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3137CS Datasheet(HTML) 16 Page - International Rectifier

Back Button IRU3137CS Datasheet HTML 11Page - International Rectifier IRU3137CS Datasheet HTML 12Page - International Rectifier IRU3137CS Datasheet HTML 13Page - International Rectifier IRU3137CS Datasheet HTML 14Page - International Rectifier IRU3137CS Datasheet HTML 15Page - International Rectifier IRU3137CS Datasheet HTML 16Page - International Rectifier IRU3137CS Datasheet HTML 17Page - International Rectifier IRU3137CS Datasheet HTML 18Page - International Rectifier IRU3137CS Datasheet HTML 19Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Rev. 1.0
06/22/04
IRU3137
www.irf.com
Figure 17 - Normal condition at 15A.
Ch1: Output Voltage Ripple (20mV/div)
Ch2: HDrv
Ch3: LDrv
Ch4: Inductor Current (5A/div)
Figure 15 - Normal condition at N/L.
Ch1: Output Voltage Ripple (20mV/div)
Ch2: HDrv
Ch3: LDrv
Ch4: Inductor Current (2A/div)
Figure 16 - Transient load response at IOUT=0A - 15A.
Ch1: VOUT
Ch4: IOUT (5A/div)
Figure 14 - Transient load response at IOUT=0A - 8A.
Ch1: VOUT
Ch4: IOUT (5A/div)
TYPICAL OPERATING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com