Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 22 Page - Intersil Corporation

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98014 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button X98014 Datasheet HTML 18Page - Intersil Corporation X98014 Datasheet HTML 19Page - Intersil Corporation X98014 Datasheet HTML 20Page - Intersil Corporation X98014 Datasheet HTML 21Page - Intersil Corporation X98014 Datasheet HTML 22Page - Intersil Corporation X98014 Datasheet HTML 23Page - Intersil Corporation X98014 Datasheet HTML 24Page - Intersil Corporation X98014 Datasheet HTML 25Page - Intersil Corporation X98014 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
FN8217.0
June 3, 2005
HSYNCOUT
HSYNCOUT is an unmodified, buffered version of the
incoming HSYNCIN or SOGIN signal of the selected
channel, with the incoming signal’s period, polarity, and
width to aid in mode detection. HSYNCOUT will be the same
format as the incoming sync signal: either horizontal or
composite sync. If a SOG input is selected, HSYNCOUT will
output the entire SOG signal, including the VSYNC portion,
pre-/post-equalization pulses if present, and Macrovision
pulses if present. HSYNCOUT remains active when the
X98014 is in power down mode. HSYNCOUT is generally
used for mode detection.
VSYNCOUT
VSYNCOUT is an unmodified, buffered version of the
incoming VSYNCIN signal of the selected channel, with the
original VSYNC period, polarity, and width to aid in mode
detection. If a SOG input is selected, this signal will output
the VSYNC signal extracted by the X98014’s sync slicer.
Extracted VSYNC will be the width of the embedded VSYNC
pulse plus pre- and post-equalization pulses (if present).
Macrovision pulses from an NTSC DVD source will lengthen
the width of the VSYNC pulse. Macrovision pulses from
other sources (PAL DVD or videotape) may appear as a
second VSYNC pulse encompassing the width of the
Macrovision. See the Macrovision section for more
information. VSYNCOUT (including the sync separator
function) remains active in power down mode. VSYNCOUT
is generally used for mode detection, start of field detection,
and even/odd field detection.
HSOUT
HSOUT is generated by the X98014’s control logic and is
synchronized to the output DATACLK and the digital pixel
data on the output databus. Its trailing edge is aligned with
pixel 0. Its width, in units of pixels, is determined by register
0x19, and its polarity is determined by register 0x18[7]. As
the width is increased, the trailing edge stays aligned with
pixel 0, while the leading edge is moved backwards in time
relative to pixel 0. HSOUT is used by the scaler to signal the
start of a new line of pixels.
The HSOUT Width register (0x19) controls the width of the
HSOUT pulse. The pulse width is nominally 1 pixel clock
period times the value in this register. In the 48 bit output
mode (register 0x18[0] = 1), or the YUV input mode (register
0x05[2] = 1), the HSOUT width is incremented in 2 pixel clock
(1 DATACLK) increments (see Table 7).
VSOUT
VSOUT is generated by the X98014’s control logic and is
synchronized to the output DATACLK and the digital pixel
data on the output databus. Its leading and trailing edges are
aligned with pixel 7 (8 pixels after HSYNC trailing edge). Its
width, in units of lines, is equal to the width of the incoming
VSYNC (see the VSYNCOUT description). Its polarity is
determined by register 0x18[6]. This output is not needed in
most applications.
Macrovision
The X98014 will synchronize to and digitize Macrovision-
encoded YUV video if the source is an NTSC DVD.
Macrovision from PAL DVD, or from all video tape sources,
is incompatible with the sync slicer, requiring that the
Macrovision pulses either be stripped from the video prior to
the SOGIN input, or an external COAST signal be generated
and applied to the CLKINV pin that will coast the X98014’s
PLL during the VSYNC and Macrovision period.
Standby Mode
The X98014 can be placed into a low power standby mode
by writing a 0x0F to register 0x1B, powering down the triple
ADCs, the DPLL, and most of the internal clocks.
To allow input monitoring and mode detection during power
down, the following blocks remain active:
• Serial interface (including the crystal oscillator) to enable
register read/write activity
• Activity and polarity detect functions (registers 0x01 and
0x02)
• The HSYNCOUT and VSYNCOUT pins (for mode
detection)
TABLE 7. HSOUT WIDTH
REGISTER
0x19 VALUE
HSOUT WIDTH (PIXEL CLOCKS)
24 BIT MODE,
RGB
24 BIT MODE,
YUV
ALL 48 BIT
MODES
0010
1110
2232
3332
4454
5554
6676
7776
X98014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com