Electronic Components Datasheet Search
  English  ▼

X  

0803650 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803650
Description  Flat zack marker sheet - ZBFM 6:SO/CMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803650 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803650 Datasheet HTML 1Page - PHOENIX CONTACT 0803650 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0803650
18.05.2012   Page 1 / 2
Flat zack marker sheet - ZBFM 6:SO/CMS - 0803650
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Flat zack marker sheet, white, For terminal block width: 6.2 mm
The illustration shows the
versions ZBM and ZBFM
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 93 (TT-2007)
GTIN
Weight per Piece (excluding packing)
4.9 GRM
Country of origin
GERMANY
Technical data
General
Note
Please specify the required marking and color with order.
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Pitch
6.2 mm
Material
PA
Number of individual labels
100
Pitch
6.2 mm
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103


Similar Part No. - 0803650

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803605-0001 PHOENIX-0803605-0001 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 5/WH,LGS:FORTL.ZAHLEN 1-1
0803605-0037 PHOENIX-0803605-0037 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 5/WH,LGS:FORTL.ZAHLEN37
0803605-0049 PHOENIX-0803605-0049 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 5/WH,LGS:FORTL.ZAHLEN49
0803605-0061 PHOENIX-0803605-0061 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 5/WH,LGS:FORTL.ZAHLEN61
0803605-0073 PHOENIX-0803605-0073 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 5/WH,LGS:FORTL.ZAHLEN73
More results

Similar Description - 0803650

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800734 PHOENIX-0800734 Datasheet
46Kb / 2P
Flat zack marker sheet - ZBFM 8/WH:UNBEDRUCKT
0803579 PHOENIX-0803579 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 4/WH:UNBEDRUCKT
0803595 PHOENIX-0803595 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 5/WH:UNBEDRUCKT
0803618 PHOENIX-0803618 Datasheet
47Kb / 2P
Flat zack marker sheet - ZBFM 6/WH:UNBEDRUCKT
18.05.2012
0803634 PHOENIX-0803634 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 4:SO/CMS
0803647 PHOENIX-0803647 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 5:SO/CMS
0807180 PHOENIX-0807180 Datasheet
51Kb / 2P
Flat zack marker sheet - ZBFM 5/0G UNPRINTED
0808639 PHOENIX-0808639 Datasheet
48Kb / 2P
Zack Marker strip, flat - ZBF 4:SO/CMS
0808778 PHOENIX-0808778 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 6:SO/CMS
1050499 PHOENIX-1050499 Datasheet
46Kb / 2P
Zack marker strip - ZB 6:SO/CMS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com