Electronic Components Datasheet Search
  English  ▼

X  

0803906 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803906
Description  Marker cards - SK U/3,8 WH:UNBEDRUCKT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0803906
18.05.2012   Page 1 / 2
Marker cards - SK U/3,8 WH:UNBEDRUCKT - 0803906
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker cards, Sheet, white, Unlabeled, Can be labeled with: Plotter, Office-Drucksysteme, Mounting
type: Adhesive
Why buy this product
 Labeling service: Phoenix Contact can custom-label SK markers according to your requirements
 The SK labeling range offers self-adhesive marker strips for labeling products that do not have a marker groove
 The SK labeling range offers self-adhesive marker strips for labeling products that do not have a marker groove
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 88 (CL2-2011)
GTIN
Weight per Piece (excluding packing)
13.13 GRM
Country of origin
BELGUIM
Technical data
General
Note
Can be labeled with CMS
Length (b)
185 mm
Height
3.8 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Material
Polyester
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103


Similar Part No. - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0803906 PHOENIX-0803906 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0803906 PHOENIX-0803906 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0803906 PHOENIX-0803906 Datasheet
161Kb / 7P
MKDS 3/ 2
0803906 PHOENIX-0803906 Datasheet
138Kb / 6P
MKDS 3/ 3
More results

Similar Description - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800129 PHOENIX-0800129 Datasheet
46Kb / 2P
Marker sheet - SK U WH:UNGESTANZT
0800132 PHOENIX-0800132 Datasheet
46Kb / 2P
Marker sheet - SK U YE:UNGESTANZT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0804374-0051 PHOENIX-0804374-0051 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 6,2/3,8:FORTL.ZAHLEN51-60
0804374-0061 PHOENIX-0804374-0061 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 6,2/3,8:FORTL.ZAHLEN61-70
0804374-0071 PHOENIX-0804374-0071 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 6,2/3,8:FORTL.ZAHLEN71-80
0804374-0091 PHOENIX-0804374-0091 Datasheet
46Kb / 2P
Marker for terminal blocks - SK 6,2/3,8:FORTL.ZAHLEN91-10
0804455-0011 PHOENIX-0804455-0011 Datasheet
45Kb / 2P
Marker for terminal blocks - SK 7,5/3,8:FORTL.ZAHLEN11-20
0805425 PHOENIX-0805425 Datasheet
54Kb / 2P
Marker cards - SK 6,2/3,8:UNBEDRUCKT
19.09.2012
0825125 PHOENIX-0825125 Datasheet
55Kb / 3P
Marker cards - SK 3,8 REEL P5,08 WH CUS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com