Electronic Components Datasheet Search
  English  ▼

X  

0803922 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803922
Description  Marker card - SK U/5,0 WH:UNBEDRUCKT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803922 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803922 Datasheet HTML 1Page - PHOENIX CONTACT 0803922 Datasheet HTML 2Page - PHOENIX CONTACT 0803922 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0803922
12/11/2015   Page 1 / 3
Marker card - SK U/5,0 WH:UNBEDRUCKT - 0803922
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Marker card, Sheet, white, unlabeled, can be labeled with: Plotter, Office printing systems, Mounting type:
Adhesive, Lettering field: 186 x 5 mm
Product Features
 Labeling service: Phoenix Contact can custom-label all TMT markers according to your requirements
 The SK labeling range offers self-adhesive marker strips for labeling products that do not have a marker groove
 The SK labeling range offers self-adhesive marker strips for labeling products that do not have a marker groove
 Labeling service: Phoenix Contact can custom-label all TMT markers according to your requirements
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
GTIN
Weight per Piece (excluding packing)
16.4 g
Custom tariff number
39199000
Country of origin
Belgium
Technical data
Dimensions
Length (b)
186 mm
Width (a)
5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 0 °C
Recommended storage conditions
20-25 °C / 40-50 % relative humidity.
General
Note
Print image may vary depending on laser printer
Color
white


Similar Part No. - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0803922 PHOENIX-0803922 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0803922 PHOENIX-0803922 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 4-G-10,16
More results

Similar Description - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800129 PHOENIX-0800129 Datasheet
46Kb / 2P
Marker sheet - SK U WH:UNGESTANZT
0800132 PHOENIX-0800132 Datasheet
46Kb / 2P
Marker sheet - SK U YE:UNGESTANZT
0800734 PHOENIX-0800734 Datasheet
46Kb / 2P
Flat zack marker sheet - ZBFM 8/WH:UNBEDRUCKT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0806819 PHOENIX-0806819 Datasheet
50Kb / 2P
Marker pin Zack strip - BNZ 5/WH:UNBEDRUCKT
0807038 PHOENIX-0807038 Datasheet
47Kb / 2P
Marker pin Zack strip - BNZ 4/WH:UNBEDRUCKT
0825131 PHOENIX-0825131 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,5 WH CUS
0825132 PHOENIX-0825132 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,62 WH CUS
1401815 PHOENIX-1401815 Datasheet
50Kb / 2P
Marker pin - BN-ZB 5,2/WH:UNBEDRUCKT
08.08.2012
1401831 PHOENIX-1401831 Datasheet
50Kb / 2P
Marker pin - BN-ZB 6,2/WH:UNBEDRUCKT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com