Electronic Components Datasheet Search
  English  ▼

X  

ST-101F4 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ST-101F4
Description  KEMET, ST, DC Line Filters, Common Mode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ST-101F4 Datasheet(HTML) 1 Page - Kemet Corporation

  ST-101F4 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: ST-101F4
(UDLST00101F400)
KEMET, ST, DC Line Filters, Common Mode
Dimensions
L
14mm MAX
W
13mm MAX
H
10.5mm MAX
LL
2mm MIN
S
7.5mm +/-0.5mm
Packaging Specifications
Packaging: Tray, Box
Packaging Quantity: 1600
Weight: 3.33 g
General Information
Series: ST
Style: Through-Hole
RoHS: Yes
Miscellaneous:
AM Band, Frequency Range: 0.5
To 7 MHz, Impedance: 60000
Ohms (600 kHz)
Specifications
Voltage DC: 50 VDC
Temperature Range: -20/+75°C
DC Resistance: 3.5 Ohms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/14/2019 - b2359d28-13fa-43f4-8da4-cb7ae0dc8158


Similar Part No. - ST-101F4

ManufacturerPart #DatasheetDescription
logo
NEC
ST-101F4 NEC-ST-101F4 Datasheet
2Mb / 45P
DC Line Fileters
More results

Similar Description - ST-101F4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ST-101 KEMET-ST-101 Datasheet
72Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-101A KEMET-ST-101A Datasheet
85Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-101F2 KEMET-ST-101F2 Datasheet
132Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-104A4 KEMET-ST-104A4 Datasheet
91Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-201A KEMET-ST-201A Datasheet
85Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-202 KEMET-ST-202 Datasheet
72Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-202A KEMET-ST-202A Datasheet
85Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-202S KEMET-ST-202S Datasheet
72Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-204A1 KEMET-ST-204A1 Datasheet
91Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-204A3 KEMET-ST-204A3 Datasheet
91Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com