Electronic Components Datasheet Search
  English  ▼

X  

0804882 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804882
Description  Marker carriers - GBS 5-UK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804882 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804882 Datasheet HTML 1Page - PHOENIX CONTACT 0804882 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0804882
12/11/2015   Page 1 / 2
Marker carriers - GBS 5-UK - 0804882
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Marker carrier, for all UK terminal blocks for which the TS-K separating plate is designed, can be fitted with ZB 5,
color: Gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
GTIN
Weight per Piece (excluding packing)
0.52 g
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Width (a)
5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Color
gray
Components
free from silicone and halogen
Flammability rating according to UL 94
V2
Material
PA
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Marking mounting type
Plug in
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Flammability rating according to UL 94
V2


Similar Part No. - 0804882

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804853 PHOENIX-0804853 Datasheet
133Kb / 5P
FFKDS/V-2,54
0804853 PHOENIX-0804853 Datasheet
143Kb / 5P
FFKDS/H-2,54
0804853 PHOENIX-0804853 Datasheet
162Kb / 5P
FK-MC 0,5/ 2-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 3-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 4-ST-2,5
More results

Similar Description - 0804882

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803122 PHOENIX-0803122 Datasheet
51Kb / 2P
Marker carriers - UBE/D NC
0803719 PHOENIX-0803719 Datasheet
54Kb / 2P
Marker carriers - UBE/D (60X10)
0804947 PHOENIX-0804947 Datasheet
55Kb / 4P
Marker carriers - GBS 5-UKK
0814270 PHOENIX-0814270 Datasheet
44Kb / 2P
Marker carriers - MA 20X 8 BK
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
1004076 PHOENIX-1004076 Datasheet
48Kb / 2P
Marker carriers - UBE/D ES/KMK 3
1004089 PHOENIX-1004089 Datasheet
49Kb / 2P
Marker carriers - UBE ES/KMK 3
1010031 PHOENIX-1010031 Datasheet
46Kb / 2P
Marker carriers - 4K-DST 5 FARBLOS
1020034 PHOENIX-1020034 Datasheet
46Kb / 2P
Marker carriers - 4K-DST 6 FARBLOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com