Electronic Components Datasheet Search
  English  ▼

X  

0804947 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804947
Description  Marker carriers - GBS 5-UKK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804947 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804947 Datasheet HTML 1Page - PHOENIX CONTACT 0804947 Datasheet HTML 2Page - PHOENIX CONTACT 0804947 Datasheet HTML 3Page - PHOENIX CONTACT 0804947 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/0804947
11/22/13   Page 1 / 4
Marker carriers - GBS 5-UKK - 0804947
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker carrier, for all terminal blocks for which the TS-KK 3 separating plate is designed, can be fitted with ZB 5,
color: Gray
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
0.36 GRM
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Width (a)
5 mm
Ambient conditions
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
General
Color
gray
Components
free from silicone and halogen
Inflammability class according to UL 94
V2
Material
PA
Classifications
eCl@ss
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27141137


Similar Part No. - 0804947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804921 PHOENIX-0804921 Datasheet
182Kb / 4P
ZBFM 8/WH,LGS:FORTL.ZAHLEN - Flat zack marker sheet
0804921-0001 PHOENIX-0804921-0001 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 8/WH,LGS:FORTL.ZAHLEN1-5
0804963 PHOENIX-0804963 Datasheet
45Kb / 2P
Contactor marker ??zack marker strip - SS-ZB 17,5 WH
0804977 PHOENIX-0804977 Datasheet
191Kb / 6P
WMTB HF (40X12)R BU - Cable marker
0804978 PHOENIX-0804978 Datasheet
190Kb / 6P
WMTB HF (40X12)R GN - Cable marker
More results

Similar Description - 0804947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
UKK 5-PV
0803122 PHOENIX-0803122 Datasheet
51Kb / 2P
Marker carriers - UBE/D NC
0803719 PHOENIX-0803719 Datasheet
54Kb / 2P
Marker carriers - UBE/D (60X10)
0804882 PHOENIX-0804882 Datasheet
48Kb / 2P
Marker carriers - GBS 5-UK
0814270 PHOENIX-0814270 Datasheet
44Kb / 2P
Marker carriers - MA 20X 8 BK
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
1004089 PHOENIX-1004089 Datasheet
49Kb / 2P
Marker carriers - UBE ES/KMK 3
1010031 PHOENIX-1010031 Datasheet
46Kb / 2P
Marker carriers - 4K-DST 5 FARBLOS
1020034 PHOENIX-1020034 Datasheet
46Kb / 2P
Marker carriers - 4K-DST 6 FARBLOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com