Electronic Components Datasheet Search
  English  ▼

X  

0804963 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804963
Description  Contactor marker ??zack marker strip - SS-ZB 17,5 WH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804963 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804963 Datasheet HTML 1Page - PHOENIX CONTACT 0804963 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0804963
12/11/2015   Page 1 / 2
Contactor marker – zack marker strip - SS-ZB 17,5 WH - 0804963
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Contactor marker – zack marker strip, Strip, white, unlabeled, can be labeled with: Plotter, Mounting type: Snap
into flat marker groove, Lettering field: 17.5 x 9 mm
The illustration shows version SS-ZB
and SS-ZB 17,5 SO/CMS
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
1.3 g
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Length (b)
17.5 mm
Width (a)
9 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Note
Can be labeled with CMS
Color
white
Components
free from silicone and halogen
Flammability rating according to UL 94
V2
Material
PA
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
5
Marking mounting type
Snap into flat marker groove
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0804963

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804921 PHOENIX-0804921 Datasheet
182Kb / 4P
ZBFM 8/WH,LGS:FORTL.ZAHLEN - Flat zack marker sheet
0804921-0001 PHOENIX-0804921-0001 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBFM 8/WH,LGS:FORTL.ZAHLEN1-5
0804947 PHOENIX-0804947 Datasheet
55Kb / 4P
Marker carriers - GBS 5-UKK
0804977 PHOENIX-0804977 Datasheet
191Kb / 6P
WMTB HF (40X12)R BU - Cable marker
0804978 PHOENIX-0804978 Datasheet
190Kb / 6P
WMTB HF (40X12)R GN - Cable marker
More results

Similar Description - 0804963

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805810 PHOENIX-0805810 Datasheet
51Kb / 2P
Zack marker strip - ZB 4/WH-100: UNPRINTED
18.05.2012
0807740 PHOENIX-0807740 Datasheet
49Kb / 2P
Contactor marker - SS-3R 20X7 WH
0824273 PHOENIX-0824273 Datasheet
54Kb / 2P
Marker pin Zack strip - BN-ZB 5/WH CUS
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
1013737 PHOENIX-1013737 Datasheet
51Kb / 2P
Zack marker strip carrier - P-SS-ZB 100
5031171 PHOENIX-5031171 Datasheet
50Kb / 2P
Contactor marker - zack marker strip - SS-ZB WH
5031650 PHOENIX-5031650 Datasheet
47Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE
5060922 PHOENIX-5060922 Datasheet
66Kb / 4P
Zack marker strip - ZB 7,62/WH-100:UNBEDRUCKT
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com