Electronic Components Datasheet Search
  English  ▼

X  

0805056 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805056
Description  Marker cards - SK 3.81/2.8: SO (CUSTOM PRTNG)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805056 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805056 Datasheet HTML 1Page - PHOENIX CONTACT 0805056 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0805056
18.05.2012   Page 1 / 2
Marker cards - SK 3.81/2.8: SO (CUSTOM PRTNG) - 0805056
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker cards, white, Mounting type: Adhesive, For terminal block width: 3.81 mm
The illustration shows version
SK 3,81/2,8 CONSEC.NOS
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 501 (CL-2009)
GTIN
Weight per Piece (excluding packing)
0.9 GRM
Country of origin
GERMANY
Technical data
General
Note
Please specify the required marking with order.
Height
2.8 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Pitch
3.81 mm
Material
Polyester
Pitch
3.81 mm
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103
eCl@ss 6.0
27149103


Similar Part No. - 0805056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805056 PHOENIX-0805056 Datasheet
149Kb / 6P
FRONT 1,5-V-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 2-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 3-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 4-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 5-3,81
More results

Similar Description - 0805056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0804879 PHOENIX-0804879 Datasheet
50Kb / 2P
Marker cards - SK 2.5/2.8: SO (CUSTOM PRTNG)
0805072 PHOENIX-0805072 Datasheet
52Kb / 2P
Marker cards - SK 5/3.8: SO (CUSTOM PRNTNG)
0805111 PHOENIX-0805111 Datasheet
52Kb / 2P
Marker cards - SK 6.2/3.8: SO (CUSTOM PRTNG)
0805137 PHOENIX-0805137 Datasheet
54Kb / 2P
Marker cards - SK 7.5/3.8: SO (CUSTOM PRTNG)
0805153 PHOENIX-0805153 Datasheet
51Kb / 2P
Marker cards - SK 7.62/3.8: SO (CUSTOM PRTNG)
0805166 PHOENIX-0805166 Datasheet
53Kb / 2P
Marker cards - SK 9.5/3.8: SO (CUSTOM PRTNG)
0805425 PHOENIX-0805425 Datasheet
54Kb / 2P
Marker cards - SK 6,2/3,8:UNBEDRUCKT
19.09.2012
0825123 PHOENIX-0825123 Datasheet
55Kb / 3P
Marker cards - SK 2,8 REEL P5,08 WH CUS
0825125 PHOENIX-0825125 Datasheet
55Kb / 3P
Marker cards - SK 3,8 REEL P5,08 WH CUS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com