Electronic Components Datasheet Search
  English  ▼

X  

0806767 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0806767
Description  Label - ETS-E
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806767 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0806767 Datasheet HTML 1Page - PHOENIX CONTACT 0806767 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0806767
12/11/2015   Page 1 / 2
Label - ETS-E - 0806767
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, self-adhesive, 16 mm diameter, available as: 100 sheets with 10 labels each, black grounding symbol on
white background
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
GTIN
Weight per Piece (excluding packing)
0.584 g
Custom tariff number
48211010
Country of origin
Germany
Technical data
Dimensions
Width (a)
16 mm
General
Color
white
Material
Polyethylene
Wipe resistance
DIN 30646
DIN VDE 0611-1
Number of individual labels
10
Adhesive
Acrylic
Foil strength
92 µm
Marking mounting type
Adhesive
Standards and Regulations
Wipe resistance
DIN 30646
DIN VDE 0611-1


Similar Part No. - 0806767

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
0806 NIC-0806 Datasheet
202Kb / 4P
Surface Mount Multilayer Power Inductor
logo
Bel Fuse Inc.
0806-5400-01 BEL-0806-5400-01 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-02 BEL-0806-5400-02 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-03 BEL-0806-5400-03 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-04 BEL-0806-5400-04 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
More results

Similar Description - 0806767

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT191UY ETC2-HT191UY Datasheet
828Kb / 25P
Label Specifications
logo
Pepperl+Fuchs Inc.
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
Label sensor
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
Label - EV-LABEL-C-SO
logo
Ultralife Corporation.
UBBL10-01-CB ULTRALIFE-UBBL10-01-CB Datasheet
520Kb / 3P
SMBus Commercial Label
Rev: B
logo
Pepperl+Fuchs Inc.
HIALC-HICTB-SET-108 PF-HIALC-HICTB-SET-108 Datasheet
363Kb / 1P
Label Carrier
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
Label Carrier
HIALC-HIDTB-SET-150 PF-HIALC-HIDTB-SET-150 Datasheet
363Kb / 1P
Label Carrier
ZH-Z.BT PF-ZH-Z.BT Datasheet
90Kb / 1P
Label Carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com