Electronic Components Datasheet Search
  English  ▼

X  

CDCDB2000NPPT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000NPPT
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000NPPT Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCDB2000NPPT Datasheet HTML 23Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 24Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 25Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 26Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 27Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 28Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 29Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 30Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Recommended ground vias
Vias to escape
inside pins
All CKx pairs routed
differentially
27
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The following section provides the layout guidelines to ensure good thermal performance and power supply
connections for the CDCDB2000.
10.2 Layout Examples
Figure 12 and Figure 13 are PCB layout examples that show the application of thermal design practices and a
low-inductance ground connection between the device DAP and the PCB.
The CDCDB2000 has 85-Ω differential output impedance LP-HCSL format drivers. All transmission lines
connected to CKx pins should be 85-Ω differential impedance, 42.5-Ω single-ended impedance to avoid
reflections and increased radiated emissions. Take care to eliminate or reduce stubs on the transmission lines.
Figure 12. PCB Layout Example for CDCDB2000, Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com