Electronic Components Datasheet Search
  English  ▼

X  

0807216 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807216
Description  Zack marker strip - ZB 8/27
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807216 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807216 Datasheet HTML 1Page - PHOENIX CONTACT 0807216 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0807216
18.05.2012   Page 1 / 2
Zack marker strip - ZB 8/27 - 0807216
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall
marker groove, For terminal block width: 8.2 mm, Lettering field: 10.5 x 8.15 mm
The illustration shows
versions ZB 8 - UNPRINTED,
-LGS:CONSEC.NOS, -
QR:CONSEC.NOS and CUS
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 443 (CL-2005)
GTIN
Weight per Piece (excluding packing)
2.62 GRM
Country of origin
GERMANY
Technical data
General
Length (b)
27 mm
Width (a)
8 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Pitch
8.2 mm
Material
PA
Number of individual labels
10
Number of individual labels per row
10
Pitch
8.2 mm
Classifications
eclass
eCl@ss 4.0
24190208


Similar Part No. - 0807216

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
0807 BIVAR-0807 Datasheet
710Kb / 5P
SURFACE MOUNT LED SUPER RED/GREEN, 0807 PACKAGE
Revision A 06/09
0807 BIVAR-0807 Datasheet
671Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
Revision A 8/21
0807 BIVAR-0807 Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
0807 BIVAR-0807 Datasheet
731Kb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision A 06/09
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results

Similar Description - 0807216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0825000 PHOENIX-0825000 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/GN CUS
0825002 PHOENIX-0825002 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/OG CUS
0825004 PHOENIX-0825004 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/RD CUS
0825011 PHOENIX-0825011 Datasheet
53Kb / 2P
Zack marker strip - ZB 8 CUS
0825012 PHOENIX-0825012 Datasheet
57Kb / 3P
Zack marker strip - ZB 8/27 CUS
0829102 PHOENIX-0829102 Datasheet
50Kb / 2P
Zack marker strip - ZB 8/27 UV-100
1052002 PHOENIX-1052002 Datasheet
55Kb / 2P
Zack marker strip - ZB 8:UNBEDRUCKT
1052125 PHOENIX-1052125 Datasheet
52Kb / 2P
Zack marker strip - ZB 8,LGS:1-9
1052413 PHOENIX-1052413 Datasheet
53Kb / 2P
Zack marker strip - ZB 8,LGS:L1-N,PE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com