Electronic Components Datasheet Search
  English  ▼

X  

0807740 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807740
Description  Contactor marker - SS-3R 20X7 WH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807740 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807740 Datasheet HTML 1Page - PHOENIX CONTACT 0807740 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0807740
18.05.2012   Page 1 / 2
Contactor marker - SS-3R 20X7 WH - 0807740
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker sheet, for Siemens SIRIUS 3R switchgear series, 40-section, 20 strips à 2 markers, labeling
with M-PEN, CMS system or BMKT labels, lettering field: 20 x 7 mm
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 435 (CL-2005)
GTIN
Weight per Piece (excluding packing)
9.7 GRM
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Length (b)
20 mm
Width (a)
7 mm
Color
white
Base element material
ABS
Inflammability class according to UL 94
V0
Wipe resistance
DIN 30646
Wipe resistance
DIN VDE 0611-1
Ambient temperature (operation)
-40 °C ... 80 °C
Material
ABS
Number of individual labels
40
Number of individual labels per row
2
Classifications
eclass
eCl@ss 4.0
24190218
eCl@ss 4.1
24190218
eCl@ss 5.0
27141137


Similar Part No. - 0807740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0807766 PHOENIX-0807766 Datasheet
46Kb / 2P
Contactor marker - SS-3R 10X7 WH
More results

Similar Description - 0807740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2814317 PHOENIX-2814317 Datasheet
45Kb / 2P
Marker labels - MCR-ET 38X35 WH
0804963 PHOENIX-0804963 Datasheet
45Kb / 2P
Contactor marker ??zack marker strip - SS-ZB 17,5 WH
0807766 PHOENIX-0807766 Datasheet
46Kb / 2P
Contactor marker - SS-3R 10X7 WH
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
1401404 PHOENIX-1401404 Datasheet
46Kb / 2P
Marker pin - BN WH
5031171 PHOENIX-5031171 Datasheet
50Kb / 2P
Contactor marker - zack marker strip - SS-ZB WH
5031650 PHOENIX-5031650 Datasheet
47Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com