Electronic Components Datasheet Search
  English  ▼

X  

0808095 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808095
Description  Insert strip - ESL 40X17
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808095 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808095 Datasheet HTML 1Page - PHOENIX CONTACT 0808095 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0808095
18.05.2012   Page 1 / 2
Insert strip - ESL 40X17 - 0808095
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Insert strip, Sheet, white, Unlabeled, Can be labeled with: Office-Drucksysteme, Plotter, Perforated,
Mounting type: Insert, Lettering field: 40 x 17 mm
The illustration shows the insert
strip with terminal strip marker
carrier
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 177 (CL2-2011)
GTIN
Weight per Piece (excluding packing)
13.52 GRM
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Length (b)
40 mm
Width (a)
17 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Material
Polyester foil
Number of individual labels
56
Classifications
eclass
eCl@ss 4.0
24190219
eCl@ss 4.1
24190219
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103


Similar Part No. - 0808095

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08080900 LITTELFUSE-08080900 Datasheet
630Kb / 2P
Rotating Battery Switches and Selectors are ideal for vehicle and marine protection
logo
List of Unclassifed Man...
0808090700 ETC2-0808090700 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0808090900 ETC2-0808090900 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0808091100 ETC2-0808091100 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0808091300 ETC2-0808091300 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 0808095

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808231 PHOENIX-0808231 Datasheet
46Kb / 2P
Insert strip - ESL 24X4
0808244 PHOENIX-0808244 Datasheet
46Kb / 2P
Insert strip - ESL 44X7
0808257 PHOENIX-0808257 Datasheet
46Kb / 2P
Insert strip - ESL 29X8
0809382 PHOENIX-0809382 Datasheet
48Kb / 2P
Terminal strip markers - KLM1 ESL 24X4
0811943 PHOENIX-0811943 Datasheet
44Kb / 2P
Insert strip - ESL 25X10 TR
0824404 PHOENIX-0824404 Datasheet
51Kb / 3P
Insert strip - ESL 44X 7 CUS
0809492 PHOENIX-0809492 Datasheet
52Kb / 3P
Insert strip - ESL 62X10
09/11/2020
0809502 PHOENIX-0809502 Datasheet
52Kb / 3P
Insert strip - ESL 62X46
09/11/2020
0811930 PHOENIX-0811930 Datasheet
51Kb / 2P
Insert strip - ESL 29X8 YE
09/12/2020
0824403 PHOENIX-0824403 Datasheet
65Kb / 3P
Insert strip - ESL 40X17 CUS
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com