Electronic Components Datasheet Search
  English  ▼

X  

0808613 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808613
Description  Zack Marker strip, flat - ZBF 4/WH-100:UNPRINTED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808613 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808613 Datasheet HTML 1Page - PHOENIX CONTACT 0808613 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0808613
19.09.2012   Page 1 / 2
Zack Marker strip, flat - ZBF 4/WH-100:UNPRINTED - 0808613
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack Marker strip, flat, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into
flat marker groove, For terminal block width: 4 mm, Lettering field: 4.2 x 5.2 mm
The illustration shows versions
ZBF 4- UNPRINTED, -
LGS:CONSEC.NOS, -
QR:CONSEC.NOS and -SO/
CMS
Why buy this product
 The ZBF flat zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall and flat
marker grooves
 Other pitches available on request
 Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
 The multi-section marking strips are easy to fit and can be easily separated if required
 Unlabeled marking strips can be custom-labeled with a plotter or by hand
Key commercial data
Packing unit
1
Minimum order quantity
100
Catalog page
Page 67 (CL2-2011)
GTIN
Custom tariff number
39269097
Country of origin
GERMANY
Technical data
General
Width (a)
4 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Material
PA
Number of individual labels
10


Similar Part No. - 0808613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808626-0051 PHOENIX-0808626-0051 Datasheet
50Kb / 2P
Zack marker strip - ZBF 4,LGS:FORTL.ZAHLEN 51-60
0808639 PHOENIX-0808639 Datasheet
48Kb / 2P
Zack Marker strip, flat - ZBF 4:SO/CMS
0808642 PHOENIX-0808642 Datasheet
149Kb / 6P
Surge protection plug for the base element, coarse protection for four signal lines grounded on one side.
0808642 PHOENIX-0808642 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0808642 PHOENIX-0808642 Datasheet
180Kb / 22P
Ground modular terminal block - PT 2,5-QUATTRO-PE BK
More results

Similar Description - 0808613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805810 PHOENIX-0805810 Datasheet
51Kb / 2P
Zack marker strip - ZB 4/WH-100: UNPRINTED
18.05.2012
0808587 PHOENIX-0808587 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 4: UNPRINTED
0808639 PHOENIX-0808639 Datasheet
48Kb / 2P
Zack Marker strip, flat - ZBF 4:SO/CMS
0808710 PHOENIX-0808710 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 6 UNPRINTED
0808736 PHOENIX-0808736 Datasheet
55Kb / 2P
Zack Marker strip, flat - ZBF 6/WH-100: UNPRINTED
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
0811202 PHOENIX-0811202 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 15: UNPRINTED
0827464 PHOENIX-0827464 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 16:UNPRINTED
0829134 PHOENIX-0829134 Datasheet
56Kb / 3P
Zack Marker strip, flat - ZBF 13 CUS
0809942 PHOENIX-0809942 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com