Electronic Components Datasheet Search
  English  ▼

X  

CSD288 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD288
Description  PNP/NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD288 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD288 Datasheet HTML 1Page - Continental Device India Limited CSD288 Datasheet HTML 2Page - Continental Device India Limited CSD288 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSA614
PNP PLASTIC POWER TRANSISTOR
CSD288
NPN PLASTIC POWER TRANSISTOR
Low frequency Power Amplifier and Power Regulator
ABSOLUTE MAXIMUM RATINGS
614
288
Collector-base voltage (open emitter)
VCBO
max. 80
80 V
Collector-emitter voltage (open base)
VCEO
max. 55
55 V
Collector current
IC
max.
3.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
25
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 1 A; IB = 0.1 A
VCEsat
max. 0.5
1.0 V
D.C. current gain
IC = 0.5 A; VCE = 5 V
hFE
min.
40
max.
240
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
614
288
Collector-base voltage (open emitter)
VCBO
max. 80
80 V
Collector-emitter voltage (open base)
VCEO
max. 55
55 V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
CSA614, CSD288
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSD288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD20030 ETC1-CSD20030 Datasheet
224Kb / 4P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD20030 CREE-CSD20030 Datasheet
239Kb / 4P
ZERO RECOVERY RECTIFIER
logo
List of Unclassifed Man...
CSD20030D ETC1-CSD20030D Datasheet
224Kb / 4P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD20030D CREE-CSD20030D Datasheet
239Kb / 4P
ZERO RECOVERY RECTIFIER
logo
List of Unclassifed Man...
CSD20060 ETC-CSD20060 Datasheet
168Kb / 4P
ZERO RECOVERY RECTIFIER
More results

Similar Description - CSD288

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA940 CDIL-CSA940 Datasheet
56Kb / 3P
CSA940 PNP PLASTIC POWER TRANSISTOR, CSC2073 NPN PLASTIC POWER TRANSISTOR
CSA1012 CDIL-CSA1012 Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
C43C2 CDIL-C43C2 Datasheet
149Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSA715 CDIL-CSA715 Datasheet
66Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB856 CDIL-CSB856 Datasheet
130Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB546 CDIL-CSB546 Datasheet
120Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSA748 CDIL-CSA748 Datasheet
139Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6111 CDIL-2N6111 Datasheet
193Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6109 CDIL-2N6109 Datasheet
255Kb / 3P
PNP PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com