Electronic Components Datasheet Search
  English  ▼

X  

0808736 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0808736
Description  Zack Marker strip, flat - ZBF 6/WH-100: UNPRINTED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808736 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0808736 Datasheet HTML 1Page - PHOENIX CONTACT 0808736 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0808736
18.05.2012   Page 2 / 2
Zack Marker strip, flat - ZBF 6/WH-100: UNPRINTED - 0808736
Technical data
General
Number of individual labels per row
10
Pitch
6.2 mm
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103
eCl@ss 6.0
27141137
etim
ETIM 2.0
EC000761
ETIM 3.0
EC000761
ETIM 4.0
EC000761
unspsc
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Accessories
Accessories
Accessories - CMS-P1-M/ZBF - 5144709
Plastic magazine for CMS-P1 plotter. Accepts 26 flat Zack strip or ZB strips
 
 
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com