Electronic Components Datasheet Search
  English  ▼

X  

0809803 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809803
Description  Zack marker strip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809803 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809803 Datasheet HTML 1Page - PHOENIX CONTACT 0809803 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0809803
19.09.2012   Page 1 / 2
Zack marker strip -  - 0809803
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack marker strip, Strip, white, Labeled, Printed horizontally: Consecutive numbers 1 - 10, 11 - 20,
etc. up to 91 - 100, Mounting type: Snap into tall marker groove, For terminal block width: 5.08 mm,
Lettering field: 10.5 x 5.15 mm
Why buy this product
 Other pitches available on request
 The multi-section marking strips are easy to fit and can be easily separated if required
 Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
 The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
 Unlabeled marking strips can be custom-labeled with a plotter or by hand
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 59 (CL2-2011)
Custom tariff number
39269097
Technical data
General
Note
For labeling according to customer requirements, please select
product 0824963
Width (a)
5 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Material
PA
Printing direction
Printed horizontally
Printing
Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - 100
Number of individual labels
10
Number of individual labels per row
10


Similar Part No. - 0809803

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0809803-0041 PHOENIX-0809803-0041 Datasheet
54Kb / 2P
Zack marker strip - ZB 5,08,LGS:FORTL.ZAHLEN 41-50
More results

Similar Description - 0809803

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050512 PHOENIX-1050512 Datasheet
52Kb / 2P
Zack marker strip
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0827461 PHOENIX-0827461 Datasheet
61Kb / 3P
Zack marker strip - ZB 16:UNPRINTED
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
1053438 PHOENIX-1053438 Datasheet
53Kb / 2P
Zack marker strip - ZB10,LGS:U-N
5031171 PHOENIX-5031171 Datasheet
50Kb / 2P
Contactor marker - zack marker strip - SS-ZB WH
5031650 PHOENIX-5031650 Datasheet
47Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE
0812735 PHOENIX-0812735 Datasheet
53Kb / 3P
Zack marker strip - ZB 6/BU:UNPRINTED
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com