Electronic Components Datasheet Search
  English  ▼

X  

0809845 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809845
Description  Zack marker strip - ZB 5,08,LGS:U-N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809845 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809845 Datasheet HTML 1Page - PHOENIX CONTACT 0809845 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0809845
18.05.2012   Page 1 / 2
Zack marker strip - ZB 5,08,LGS:U-N - 0809845
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack marker strip, Strip, white, Labeled, Printed horizontally: U, V, W, N, GND, U, V, W, N, GND,
Mounting type: Snap into tall marker groove, For terminal block width: 5.08 mm, Lettering field: 10.5 x
5.15 mm
Why buy this product
 Other pitches available on request
 Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
 The multi-section marking strips are easy to fit and can be easily separated if required
 The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
 Unlabeled marking strips can be custom-labeled with a plotter or by hand
Key commercial data
Packing unit
0
Minimum order quantity
10
Catalog page
Page 59 (CL2-2011)
GTIN
Weight per Piece (excluding packing)
1.03 GRM
Country of origin
GERMANY
Technical data
General
Note
10 identically marked strips make up one packing unit (PU).
Width (a)
5 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Pitch
5.08 mm
Material
PA
Printing direction
Printed horizontally
Printing
U, V, W, N, GND, U, V, W, N, GND
Number of individual labels
10
Number of individual labels per row
10


Similar Part No. - 0809845

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08098400 LITTELFUSE-08098400 Datasheet
595Kb / 2P
250A/350A Manual battery master switch with removable or fixed handle and locked
More results

Similar Description - 0809845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0809803-0041 PHOENIX-0809803-0041 Datasheet
54Kb / 2P
Zack marker strip - ZB 5,08,LGS:FORTL.ZAHLEN 41-50
0811998 PHOENIX-0811998 Datasheet
62Kb / 3P
Zack marker strip - ZB 15,LGS:L1-N,PE
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0827461 PHOENIX-0827461 Datasheet
61Kb / 3P
Zack marker strip - ZB 16:UNPRINTED
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
1051430 PHOENIX-1051430 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,LGS:U-N
1053438 PHOENIX-1053438 Datasheet
53Kb / 2P
Zack marker strip - ZB10,LGS:U-N
0812735 PHOENIX-0812735 Datasheet
53Kb / 3P
Zack marker strip - ZB 6/BU:UNPRINTED
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com