Electronic Components Datasheet Search
  English  ▼

X  

9B47P520 Datasheet(PDF) 1 Page - Adels-Contact

Part # 9B47P520
Description  AC 166 VLCG/525 200 pastel blue black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

9B47P520 Datasheet(HTML) 1 Page - Adels-Contact

  9B47P520 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26/11/2019
Connectors System AC 166®
Cord Set
AC 166 VLCG/525 200 pastel blue black
"B2ca"
Connection Cable, 5 pole, pastel blue black, Coding: 5 (DALI), Cable
Type: H05Z1Z1-F, Core Cross-Section: 2.5 mm², Fire Class: B2ca,
Length: 2.00 m, Voltage Rating: 250/400 V, Current Rating: 20 A
Order Info
Reference Number (ref. no.)
9B47P520
PU
20
Type
Type
Connection Cable
Number of poles
5 pole
Colour
pastel blue black
Coding
5 (DALI)
PE Function
yes
Technical Data
Voltage Rating
250/400 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Cable Type
H05Z1Z1-F
Core Cross-Section
2.5 mm²
Fire Class
B2ca
Length
2.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf


Similar Part No. - 9B47P520

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B47P505 ADELS-9B47P505 Datasheet
165Kb / 1P
AC 166 VLCG/525 050 pastel blue black
26/11/2019
9B47P510 ADELS-9B47P510 Datasheet
165Kb / 1P
AC 166 VLCG/525 100 pastel blue black
26/11/2019
9B47P530 ADELS-9B47P530 Datasheet
165Kb / 1P
AC 166 VLCG/525 300 pastel blue black
26/11/2019
9B47P540 ADELS-9B47P540 Datasheet
165Kb / 1P
AC 166 VLCG/525 400 pastel blue black
26/11/2019
More results

Similar Description - 9B47P520

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B47PY20 ADELS-9B47PY20 Datasheet
160Kb / 1P
AC 166 VLCG/525 200 pastel blue white
26/11/2019
9D47P520 ADELS-9D47P520 Datasheet
165Kb / 1P
AC 166 VLCG/525 200 pastel blue black
26/11/2019
9D47P530 ADELS-9D47P530 Datasheet
165Kb / 1P
AC 166 VLCG/525 300 pastel blue black
26/11/2019
9D47PY20 ADELS-9D47PY20 Datasheet
160Kb / 1P
AC 166 VLCG/525 200 pastel blue white
26/11/2019
1647P505 ADELS-1647P505 Datasheet
164Kb / 1P
AC 166 VLCG/525 050 pastel blue black
26/11/2019
1647P510 ADELS-1647P510 Datasheet
164Kb / 1P
AC 166 VLCG/525 100 pastel blue black
26/11/2019
1647P520 ADELS-1647P520 Datasheet
164Kb / 1P
AC 166 VLCG/525 200 pastel blue black
26/11/2019
1647PY20 ADELS-1647PY20 Datasheet
159Kb / 1P
AC 166 VLCG/525 200 pastel blue white
26/11/2019
9647P520 ADELS-9647P520 Datasheet
165Kb / 1P
AC 166 VLCG/525 200 H05Z1Z1 pastel blue black
26/11/2019
9647PY20 ADELS-9647PY20 Datasheet
160Kb / 1P
AC 166 VLCG/525 200 H05Z1Z1 pastel blue white
26/11/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com