Electronic Components Datasheet Search
  English  ▼

X  

9B47PM30 Datasheet(PDF) 1 Page - Adels-Contact

Part # 9B47PM30
Description  AC 166 VLCG/515 300 pastel blue black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

9B47PM30 Datasheet(HTML) 1 Page - Adels-Contact

  9B47PM30 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26/11/2019
Connectors System AC 166®
Cord Set
AC 166 VLCG/515 300 pastel blue black
"B2ca"
Connection Cable, 5 pole, pastel blue black, Coding: 5 (DALI), Cable
Type: H05Z1Z1-F, Core Cross-Section: 1.5 mm², Fire Class: B2ca,
Length: 3.00 m, Voltage Rating: 250/400 V, Current Rating: 16 A
Order Info
Reference Number (ref. no.)
9B47PM30
PU
15
EAN
4028012123377
Type
Type
Connection Cable
Number of poles
5 pole
Colour
pastel blue black
Coding
5 (DALI)
PE Function
yes
Technical Data
Voltage Rating
250/400 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Cable Type
H05Z1Z1-F
Core Cross-Section
1.5 mm²
Fire Class
B2ca
Length
3.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf


Similar Part No. - 9B47PM30

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B47PM05 ADELS-9B47PM05 Datasheet
165Kb / 1P
AC 166 VLCG/515 050 pastel blue black
26/11/2019
9B47PM10 ADELS-9B47PM10 Datasheet
165Kb / 1P
AC 166 VLCG/515 100 pastel blue black
26/11/2019
9B47PM20 ADELS-9B47PM20 Datasheet
165Kb / 1P
AC 166 VLCG/515 200 pastel blue black
26/11/2019
9B47PM40 ADELS-9B47PM40 Datasheet
165Kb / 1P
AC 166 VLCG/515 400 pastel blue black
26/11/2019
More results

Similar Description - 9B47PM30

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B47PM05 ADELS-9B47PM05 Datasheet
165Kb / 1P
AC 166 VLCG/515 050 pastel blue black
26/11/2019
9B47PW30 ADELS-9B47PW30 Datasheet
160Kb / 1P
AC 166 VLCG/515 300 pastel blue white
26/11/2019
9D47PM10 ADELS-9D47PM10 Datasheet
165Kb / 1P
AC 166 VLCG/515 100 pastel blue black
26/11/2019
9D47PM30 ADELS-9D47PM30 Datasheet
165Kb / 1P
AC 166 VLCG/515 300 pastel blue black
26/11/2019
9D47PM40 ADELS-9D47PM40 Datasheet
165Kb / 1P
AC 166 VLCG/515 400 pastel blue black
26/11/2019
9D47PW30 ADELS-9D47PW30 Datasheet
160Kb / 1P
AC 166 VLCG/515 300 pastel blue white
26/11/2019
1647PM30 ADELS-1647PM30 Datasheet
164Kb / 1P
AC 166 VLCG/515 300 pastel blue black
26/11/2019
1647PW30 ADELS-1647PW30 Datasheet
159Kb / 1P
AC 166 VLCG/515 300 pastel blue white
26/11/2019
9647PM30 ADELS-9647PM30 Datasheet
165Kb / 1P
AC 166 VLCG/515 300 H05Z1Z1 pastel blue black
26/11/2019
9647PW30 ADELS-9647PW30 Datasheet
160Kb / 1P
AC 166 VLCG/515 300 H05Z1Z1 pastel blue white
26/11/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com