Electronic Components Datasheet Search
  English  ▼

X  

54LVC1G34 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54LVC1G34
Description  Single Buffer Gate in bare die form
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC1G34 Datasheet(HTML) 5 Page - Silicon Supplies

  54LVC1G34 Datasheet HTML 1Page - Silicon Supplies 54LVC1G34 Datasheet HTML 2Page - Silicon Supplies 54LVC1G34 Datasheet HTML 3Page - Silicon Supplies 54LVC1G34 Datasheet HTML 4Page - Silicon Supplies 54LVC1G34 Datasheet HTML 5Page - Silicon Supplies 54LVC1G34 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 54LVC1G34
Rev 1.0
29/06/19
AC Electrical Characteristics6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
1.65 - 1.95V
CL = 30pF,
Input
tr = tf ≤ 2ns,
RL = 1kΩ,
VIN = VCC
8.6
8.6
11
2.3 - 2.7V
CL = 30pF,
Input
tr = tf ≤ 2ns,
RL = 500Ω,
VIN = VCC
4.4
4.4
5.6
2.7V
CL = 50pF,
Input
tr = tf ≤ 2.5ns,
RL = 500Ω,
VIN = 2.7V
4.5
4.5
5.6
3.0 - 3.6V
CL = 50pF,
Input
tr = tf ≤ 2.5ns,
RL = 500Ω,
VIN = 2.7V
4.1
4.1
5.2
Propagation
Delay
Input A to
Output Y
(Figure 1,2)
tPD
4.5 - 5.5V
CL = 50pF,
Input
tr = tf ≤ 2.5ns,
RL = 500Ω,
VIN = VCC
3.2
3.2
4.1
ns
TYPICAL
Input
Capacitance
CIN
3.3V
VIN = GND to
VCC, TJ = 25°C
3.5
pF
TYPICAL
Power
Dissipation
Capacitance
7
CPD
3.3V
VIN = GND to
VCC, TJ = 25°C
16
pF
 
6. Not production tested in die form, characterized by chip design and tested in package. 7. Used to determine the no-load dynamic power
consumption: PD = CPD x VCC
2 x fi x N + Ʃ(CL x VCC2 x fo) in microwatts.
DC Electrical Characteristics Continued (Voltages Referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
Supply
Current
ICC
1.65 -5.5V
VIN = 5.5V
or GND,
IOUT = 0A
2
4
10
µA
Additional
Supply
Current
ΔICC
2.3 - 5.5V
VIN = VCC -
0.6V, IOUT =0A,
Per pad
500
500
500
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com