Electronic Components Datasheet Search
  English  ▼

X  

127903A Datasheet(PDF) 2 Page - Belden Inc.

Part # 127903A
Description  DataTuff짰 5e, 4Pr #22 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor, PVC Jkt, PLTC CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

127903A Datasheet(HTML) 2 Page - Belden Inc.

  127903A Datasheet HTML 1Page - Belden Inc. 127903A Datasheet HTML 2Page - Belden Inc. 127903A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor
15 pF/ft
Delay
Nominal Velocity of Propagation (VP) [%]
70.0 %
High Freq
Frequency [MHz] Max. Insertion Loss (Attenuation)
1 MHz
2 dB/100m
4 MHz
4.1 dB/100m
8 MHz
5.8 dB/100m
10 MHz
6.5 dB/100m
16 MHz
8.2 dB/100m
20 MHz
9.3 dB/100m
25 MHz
10.4 dB/100m
31.25 MHz
11.7 dB/100m
62.5 MHz
17 dB/100m
100 MHz
22 dB/100m
28.1 dB/100m
32 dB/100m
36.9 dB/100m
41.0 dB/100m
41.8 dB/100m
44.9 dB/100m
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Installation Temp Range:
-25°C To +75°C
UL Temp Rating:
75°C
Storage Temp Range:
-25°C To +75°C
Operating Temp Range:
-40°C To +75°C
Mechanical Characteristics
Oil Resistance:
Yes
UV Resistance:
Yes
Max Recommended Pulling Tension:
200 lbs
Min Bend Radius/Minor Axis:
7.86 in
Standards
NEC/(UL) Specification:
CMR, PLTC
CEC/C(UL) Specification:
CMR
Data Category:
Category 5e
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd):
2004-01-04
CA Prop 65 (CJ for Wire & Cable):
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com