Electronic Components Datasheet Search
  English  ▼

X  

0819217 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0819217
Description  Marker for terminal blocks - UC-TM 16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819217 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0819217 Datasheet HTML 1Page - PHOENIX CONTACT 0819217 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0819217
30.05.2012   Page 1 / 2
Marker for terminal blocks - UC-TM 16 - 0819217
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker for terminal blocks, Sheet, white, Unlabeled, Can be labeled with: Bluemark, Plotter,
Mounting type: Snap into tall marker groove, For terminal block width: 16 mm, Lettering field: 15.45 x
10.5 mm
Why buy this product
 The UC-TM ... UniCard labeling range includes markers for products with tall marker grooves
 The multi-section marking strips are easy to fit and can be easily separated if required
 The markers, which are supplied in uniform sheets, can be labeled quickly and easily using the BLUEMARK LED
 Labeling service: Phoenix Contact can custom-label all UniCard markers according to your requirements
 The format automatically ensures printing with a high degree of positioning accuracy
 The markers support multi-line labeling
 The sheets provide space for including function texts
Key commercial data
Packing unit
0
Minimum order quantity
10
Catalog page
Page 53 (CL2-2011)
GTIN
Weight per Piece (excluding packing)
11.5 GRM
Country of origin
POLAND
Technical data
General
Width (a)
16 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 120 °C
Components
free from silicone and halogen
Material
PA
Number of individual labels
32
Number of individual labels per row
4


Similar Part No. - 0819217

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0819217 PHOENIX-0819217 Datasheet
93Kb / 4P
RWO 5
0819217 PHOENIX-0819217 Datasheet
94Kb / 4P
RWO 5/S
0819217 PHOENIX-0819217 Datasheet
101Kb / 4P
RW 5/S
More results

Similar Description - 0819217

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0817701 PHOENIX-0817701 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TM 12 RD
0817785 PHOENIX-0817785 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TM 12 BU
0818069 PHOENIX-0818069 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 10
0818072 PHOENIX-0818072 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 8
0818085 PHOENIX-0818085 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 6
0818111 PHOENIX-0818111 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 4
0818289 PHOENIX-0818289 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 YE
0819194 PHOENIX-0819194 Datasheet
49Kb / 2P
Marker for terminal blocks - UC-TM 12
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com