Electronic Components Datasheet Search
  English  ▼

X  

CSR329 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSR329
Description  CSR Reverse Conducting Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSR329 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSR329 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR329 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - CSR329

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSR310 CLARKE-CSR310 Datasheet
4Mb / 16P
SANDING ROLLER
GC0124 -ISS 6
logo
Kemet Corporation
CSR33B106KBH KEMET-CSR33B106KBH Datasheet
79Kb / 1P
Capacitor, Tantalum, 10 uF, /-10% Tol, 6V@85C
CSR33B553JA KEMET-CSR33B553JA Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
CSR33B553JB KEMET-CSR33B553JB Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
CSR33B553JC KEMET-CSR33B553JC Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
More results

Similar Description - CSR329

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TISP6NTP2B ETC1-TISP6NTP2B Datasheet
296Kb / 8P
QUAD FORWARD-CONDUCTING BUFFERED P-GATE THYRISTORS
logo
Bourns Electronic Solut...
TISP6NTP2A BOURNS-TISP6NTP2A Datasheet
537Kb / 9P
QUAD FORWARD-CONDUCTING BUFFERED P-GATE THYRISTORS
logo
ABB
5SHX26L4510 ABB-5SHX26L4510 Datasheet
731Kb / 13P
Reverse Conducting Integrated Gate-Commutated Thyristor
5SHX10H6010 ABB-5SHX10H6010 Datasheet
280Kb / 13P
Reverse Conducting Integrated Gate-Commutated Thyristor
5SHX08F4510 ABB-5SHX08F4510 Datasheet
301Kb / 13P
Reverse Conducting Integrated Gate-Commutated Thyristor
logo
Renesas Technology Corp
CRD5AS-12B RENESAS-CRD5AS-12B_15 Datasheet
81Kb / 6P
Reverse Conducting Thyristor Medium Power Use
logo
Infineon Technologies A...
IHW40N60R INFINEON-IHW40N60R Datasheet
2Mb / 15P
Reverse conducting IGBT
Rev.2.6,2015-01-26
logo
IXYS Corporation
CLA20EF1200PB IXYS-CLA20EF1200PB Datasheet
96Kb / 4P
Triode Single Reverse Conducting Thyristor
CLA20EF1200PZ IXYS-CLA20EF1200PZ Datasheet
409Kb / 4P
Triode Single Reverse Conducting Thyristor
logo
Infineon Technologies A...
IGC10R60DE INFINEON-IGC10R60DE Datasheet
102Kb / 6P
TRENCHSTOPTM Reverse Conducting (RC) technology
Edition 1.1, 31.05.2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com