Electronic Components Datasheet Search
  English  ▼

X  

PEMH24 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PEMH24
Description  NPN/NPN resistor-equipped transistors;
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH24 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PEMH24 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMH24 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1.
Product profile
1.1 General description
NPN/NPN Resistor-Equipped Transistors (RET).
1.2 Features
s Built-in bias resistors
s Simplifies circuit design
s Reduces component count
s Reduces pick and place costs
1.3 Applications
s Low current peripheral driver
s Control of IC inputs
s Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMH24; PUMH24
NPN/NPN resistor-equipped transistors;
R1 = 100 k
Ω, R2 = 100 kΩ
Rev. 04 — 18 May 2005
Product data sheet
Table 1:
Product overview
Type number
Package
NPN/PNP
complement
PNP/PNP
complement
Philips
JEITA
PEMH24
SOT666
-
PEMD24
PEMB24
PUMH24
SOT363
SC-88
PUMD24
PUMB24
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
20
mA
R1
bias resistor 1 (input)
70
100
130
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com