Electronic Components Datasheet Search
  English  ▼

X  

PQMH9 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PQMH9
Description  NPN/NPN resistor-equipped transistors;
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMH9 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PQMH9 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PQMH9 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMH9
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
PQMH9
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 November 2015
13 / 14
No offer to sell or license — Nothing in this document may be interpreted
or construed as an offer to sell products that is open for acceptance or the
grant, conveyance or implication of any license under any copyrights, patents
or other industrial or intellectual property rights.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
15.4 Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com