Electronic Components Datasheet Search
  English  ▼

X  

PRMD10 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PRMD10
Description  50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMD10 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PRMD10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMD10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
PRMD10
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors (RET)
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor, for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
positive
-
12
V
VI
input voltage
negative
-
-5
V
IO
output current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
325
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
480
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
Tamb (°C)
-75
175
125
25
75
-25
aaa-024487
200
300
100
400
500
Ptot
(mW)
0
FR4 PCB, standard footprint
Fig. 1. Per device: Power derating curve
PRMD10
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com