Electronic Components Datasheet Search
  English  ▼

X  

PRMH10 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PRMH10
Description  50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMH10 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PRMH10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRMH10 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
PRMH10
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors (RET)
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10
VCE = 5 V; Tamb = 25 °C
Fig. 9. Transition frequency as a function of collector current; typical values of built-in transistor
PRMH10
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com