Electronic Components Datasheet Search
  English  ▼

X  

SC4201 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4201
Description  Multi-Phase Link Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4201 Datasheet(HTML) 7 Page - Semtech Corporation

  SC4201 Datasheet HTML 1Page - Semtech Corporation SC4201 Datasheet HTML 2Page - Semtech Corporation SC4201 Datasheet HTML 3Page - Semtech Corporation SC4201 Datasheet HTML 4Page - Semtech Corporation SC4201 Datasheet HTML 5Page - Semtech Corporation SC4201 Datasheet HTML 6Page - Semtech Corporation SC4201 Datasheet HTML 7Page - Semtech Corporation SC4201 Datasheet HTML 8Page - Semtech Corporation SC4201 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4201
L
L
C
L
L
Ph A
Ph B
Ph C
Ph D
SC4201 - A
V
SYNC
RT
GND
DD
Vout
+3 to 6V
optional 3 or 2/4 Phases
Fsw control
PWM
Fsw
sync
~
PWM
Fsw
sync
~
PWM
Fsw
sync
~
PWM
Fsw
sync
~
Ph A
Ph B
Ph C
Ph D
SC4201 - B
V
SYNC
RT
GND
DD
+3 to 6V
Power Section of choice
Time Delay
(optional)
Application Information (Cont.)
Diagram in Figure 4 demonstrates a synchronous operation of two (or more) SC4201 controllers. If the “time
delay” circuit is to be employed then 6-phase, 8-phase and other configurations become possible.
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com