Electronic Components Datasheet Search
  English  ▼

X  

V74 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # V74
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

V74 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  V74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved V74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
74LVC2G74-Q100
Single D-type flip-flop with set and reset; positive edge trigger
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC2G74DP-Q100
-40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G74DC-Q100
-40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package;
8 leads; body width 2.3 mm
SOT765-1
4. Marking
Table 2. Marking codes
Type number
Marking code [1]
74LVC2G74DP-Q100
V74
74LVC2G74DC-Q100
V74
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aah725
RD
FF
SD
Q
Q
Q
Q
SD
CP
CP
D
D
RD
Fig. 1. Logic symbol
001aah726
C1
S
1D
R
Fig. 2. IEC logic symbol
mna421
SD
CP
RD
D
C
C
Q
C
C
C
C
C
C
Q
C
C
Fig. 3. Logic diagram
74LVC2G74_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 3 — 3 October 2018
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com