Electronic Components Datasheet Search
  English  ▼

X  

SC9102C Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9102C
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9102C Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9102C Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9102C Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Silan
Semiconductors
SC9102C/D
HANGZHOU SILAN MICROELECTRONICS CO.,LTD.
Rev: 2.0
2001-11-02
6
(continued)
Pin No.
Pin Name
Description
13
XMUTE
*Mute output pins.
*NMOS open drain output structure.
*The output is in “LOW” state during dialing sequence (both Pulse and Tone mode)
otherwise this pin is “high-impedance”.
*Long (continue) Mute.
11
VSS
*Negative power supply pin.
10
VDD
*Positive power supply pin.
5
HKS
*Hook switch input pin.
*When the handset is in ON-HOOK state, this pin must be pulled “high” in order to
disable the dialing operation and decrease the power consumption.
*When in OFF-HOOK state, the
HKS pin must be pulled “low” state for all function
operation.
14
PO
*Pulse output signal pin.
*NMOS open drain output structure.
*The output is “LOW” during pulse dialing and Flash operation, otherwise this output
is “floating”.
12
TONE
*Dual Tone Multi-frequency output pin.
*In TONE mode, when an entry of digit key (include *, # key), this pin will send out a
corresponding DTMF signal.
*The TONE pin provides minimum tone duration and minimum intertone pause time
to support rapid key-in. If key-in time is less than 100ms, DTMF signal will last for
100ms; otherwise the tone duration will last as long as the key is pressed.
MODE
Dialing mode
VDD
Pulse mode
Open
Pulse mode
7MODE
*Mode selection pin.
*Three-state input structure.
*This pin can select the three
modes shown on the right.
VSS
Tone mode
6
M/B
*M/B ration selection pin. (The function seeing the Dialing signal option table)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com