Electronic Components Datasheet Search
  English  ▼

X  

74AXP1G02 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G02
Description  Low-power 2-input NOR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G02 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1G02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AXP1G02 is a single 2-input NOR gate.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.6 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G02
Low-power 2-input NOR gate
Rev. 1 — 25 August 2014
Product data sheet


Similar Part No. - 74AXP1G02

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GM NEXPERIA-74AXP1G00GM Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GN NEXPERIA-74AXP1G00GN Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GS NEXPERIA-74AXP1G00GS Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GX NEXPERIA-74AXP1G00GX Datasheet
794Kb / 17P
Low-power 2-input NAND gate
More results

Similar Description - 74AXP1G02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
Low Power 2-Input OR/NOR Gate/Inverter
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
Low Power Quint 2-Input OR/NOR Gate
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com