Electronic Components Datasheet Search
  English  ▼

X  

74AXP1G02GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G02GS
Description  Low-power 2-input NOR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G02GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP1G02GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G02
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 25 August 2014
3 of 17
Nexperia
74AXP1G02
Low-power 2-input NOR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 4.
Pin configuration SOT886, SOT1115 and
SOT1202 (XSON6)
Fig 5.
Pin configuration SOT1226 (X2SON5)
Table 3.
Pin description
Symbol
Pin
Description
X2SON5
XSON6
B
1
1
data input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
B
Y
LL
H
LH
L
HL
L
HH
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com