Electronic Components Datasheet Search
  English  ▼

X  

PRMH11 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PRMH11
Description  50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMH11 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PRMH11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PRMH11 Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Nexperia
PRMH11
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors (RET)
14. Revision history
Table 9. Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PRMH11 v.2
20180914
Product data sheet
-
PRMH11 v.1
Modifications:
• Package outline drawing updated: Unit T added
PRMH11 v.1
20170814
Product data sheet
-
-
PRMH11
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
11 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com