Electronic Components Datasheet Search
  English  ▼

X  

IP4251-TTL Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP4251-TTL
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4251-TTL Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP4251-TTL Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4251-TTL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
IP4251_52_53_54-TTL
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 5 May 2011
4 of 18
Nexperia
IP4251/52/53/54-TTL
Integrated 4-, 6- and 8-channel passive filter network
4.
Limiting values
[1]
Device tested with 1000 pulses of
±15 kV contact discharges, according to the IEC 61000-4-2 model,
far exceeding IEC 61000-4-2 level 4 (8 kV contact discharge).
[2]
Device tested with 1000 pulses of
±30 kV contact discharges, according to the IEC 61000-4-2 model,
far exceeding IEC 61000-4-2 level 4 (8 kV contact discharge).
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IP4251CZ8-4-TTL; IP4251CZ12-6-TTL; IP4251CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground;
contact discharge
[1] -
±15
kV
IP4252CZ8-4-TTL; IP4252CZ12-6-TTL; IP4252CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground;
contact discharge
[1] -
±15
kV
IP4253CZ8-4-TTL; IP4253CZ12-6-TTL; IP4253CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground
[2]
contact discharge
-
±30
kV
air discharge
-
±30
kV
IP4254CZ8-4-TTL; IP4254CZ12-6-TTL; IP4254CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground
[2]
contact discharge
-
±30
kV
air discharge
-
±30
kV
Per device
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4;
all pins to ground
contact discharge
-
±8kV
air discharge
-
±15
kV
VCC
supply voltage
−0.5
+5.6
V
Pch
channel power dissipation Tamb =85 °C-
60
mW
Ptot
total power dissipation
Tamb =85 °C-
200
mW
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com