Electronic Components Datasheet Search
  English  ▼

X  

MMBZ12VAL Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # MMBZ12VAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ12VAL Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  MMBZ12VAL Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ12VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1.
Product profile
1.1 General description
Unidirectional double ElectroStatic Discharge (ESD) protection diodes in a common
anode configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted
Device (SMD) plastic package. The devices are designed for ESD and transient
overvoltage protection of up to two signal lines.
1.2 Features
1.3 Applications
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
Rev. 02 — 10 December 2009
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEDEC
MMBZ5V6AL
SOT23
TO-236AB
dual common anode
MMBZ6V2AL
MMBZ6V8AL
MMBZ9V1AL
MMBZ10VAL
MMBZ12VAL
MMBZ15VAL
MMBZ18VAL
MMBZ20VAL
MMBZ27VAL
MMBZ33VAL
Unidirectional ESD protection of
two lines
ESD protection up to 30 kV (contact
discharge)
Bidirectional ESD protection of one line
IEC 61000-4-2; level 4 (ESD)
Low diode capacitance: Cd ≤ 280 pF
IEC 61643-321
Rated peak pulse power: PPPM =40W
AEC-Q101 qualified
Ultra low leakage current: IRM =5nA
Computers and peripherals
Automotive electronic control units
Audio and video equipment
Portable electronics
Cellular handsets and accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com