Electronic Components Datasheet Search
  English  ▼

X  

MMBZ15VAL Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # MMBZ15VAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ15VAL Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button MMBZ15VAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 11Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 12Page - Nexperia B.V. All rights reserved MMBZ15VAL Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
8 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
7.
Characteristics
Table 10.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 10 mA
--0.9
V
VRWM
reverse standoff voltage
MMBZ5V6AL
-
-
3
V
MMBZ6V2AL
-
-
3
V
MMBZ6V8AL
-
-
4.5
V
MMBZ9V1AL
-
-
6
V
MMBZ10VAL
-
-
6.5
V
MMBZ12VAL
-
-
8.5
V
MMBZ15VAL
-
-
12
V
MMBZ18VAL
-
-
14.5
V
MMBZ20VAL
-
-
17
V
MMBZ27VAL
-
-
22
V
MMBZ33VAL
-
-
26
V
IRM
reverse leakage current
MMBZ5V6AL
VRWM = 3 V
-
0.24
5
μA
MMBZ6V2AL
VRWM = 3 V
-
5
200
nA
MMBZ6V8AL
VRWM = 4.5 V
-
10
300
nA
MMBZ9V1AL
VRWM = 6 V
-
5
100
nA
MMBZ10VAL
VRWM =6.5 V
-
1
20
nA
MMBZ12VAL
VRWM = 8.5 V
-
0.1
5
nA
MMBZ15VAL
VRWM =12V
-
0.1
5
nA
MMBZ18VAL
VRWM =14.5V
-
0.1
5
nA
MMBZ20VAL
VRWM =17V
-
0.1
5
nA
MMBZ27VAL
VRWM =22V
-
0.1
5
nA
MMBZ33VAL
VRWM =26V
-
0.1
5
nA
VBR
breakdown voltage
MMBZ5V6AL
IR = 20 mA
5.32
5.6
5.88
V
MMBZ6V2AL
IR = 1 mA
5.89
6.2
6.51
V
MMBZ6V8AL
IR = 1 mA
6.46
6.8
7.14
V
MMBZ9V1AL
IR = 1 mA
8.65
9.1
9.56
V
MMBZ10VAL
IR = 1 mA
9.5
10
10.5
V
MMBZ12VAL
IR = 1 mA
11.4
12
12.6
V
MMBZ15VAL
IR = 1 mA
14.25 15
15.75 V
MMBZ18VAL
IR = 1 mA
17.1
18
18.9
V
MMBZ20VAL
IR = 1 mA
19
20
21
V
MMBZ27VAL
IR = 1 mA
25.65 27
28.35 V
MMBZ33VAL
IR = 1 mA
31.35 33
34.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com