Electronic Components Datasheet Search
  English  ▼

X  

PESD2USB3S Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESD2USB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2USB3S Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD2USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
VCL (V)
0
25
20
10
15
5
aaa-021328
10
15
5
20
25
I
(A)
0
Transmission Line Pulse (TLP) = 5 ns
Fig. 10. Dynamic resistance with positive clamping;
typical values
VCL (V)
-25
0
-5
-15
-10
-20
aaa-021329
-15
-10
-20
-5
0
I
(A)
-25
Transmission Line Pulse (TLP) = 5 ns
Fig. 11. Dynamic resistance with negative clamping;
typical values
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD
protection during an ESD event. Do not connect unlimited DC current sources to the data lines to
avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage
(due to an ESD pulse for instance).
VCL (V)
0
10
8
4
6
2
aaa-021330
4
6
2
8
10
I
(A)
0
IEC61000-4-5; tp = 8/20 μs; positive pulse
Fig. 12. Dynamic resistance with positive clamping;
typical values
VCL (V)
-10
0
-2
-6
-4
-8
aaa-021331
-6
-4
-8
-2
0
I
(A)
-10
IEC61000-4-5; tp = 8/20 μs; negative pulse
Fig. 13. Dynamic resistance with negative clamping;
typical values
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com