Electronic Components Datasheet Search
  English  ▼

X  

BC51PAS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC51PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC51PAS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC51PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC51_52_53PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2015
8 of 15
Nexperia
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
7.
Characteristics
[1]
Pulse test: tp  300 ms;  0.02.
Table 8.
Characteristics
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
VCB = 30 V; IE =0A
-
-
100 nA
VCB = 30 V; IE =0A; Tj = 150 C-
-
10
A
IEBO
emitter-base cut-off current
VEB = 5V;IC =0A
-
-
100 nA
hFE
DC current gain
VCE = 2V; IC = 5mA
63
-
-
VCE = 2V; IC = 150 mA
[1] 63
-
250
VCE = 2V; IC = 500 mA
[1] 40
-
-
hFE selection -10
VCE = 2V; IC = 150 mA
[1] 63
-
160
hFE selection -16
VCE = 2V; IC = 150 mA
[1] 100
-
250
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB = 50 mA
[1] --
500 mV
VBE
base-emitter voltage
VCE = 2V; IC = 500 mA
[1] --
1V
Cc
collector capacitance
VCB = 10 V; IE = ie =0A; f=1MHz
-
15
-
pF
fT
transition frequency
VCE = 5V; IC = 50 mA; f = 100 MHz
-
145
-
MHz
VCE = 2V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 7.
DC current gain as a function of collector
current; typical values
Fig 8.
Collector current as a function of
collector-emitter voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com