Electronic Components Datasheet Search
  English  ▼

X  

BC54PAS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC54PAS
Description  45V/60V/80V, 1A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC54PAS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC54PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC54_55_56PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 11 November 2014
8 of 14
Nexperia
BC54PAS; BC55PAS; BC56PAS
45V/60V/80V, 1A NPN medium power transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02
Table 8.
Characteristics
Tamb =25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
VCB =30V; IE = 0 A
-
-
100
nA
VCB =30V; IE =0A; Tj = 150 C
--10
A
IEBO
emitter-base cut-off current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =2V; IC =5mA
63
-
-
VCE =2V; IC =150 mA
[1] 63
-
250
VCE =2 V; IC =500 mA
[1] 40
-
-
hFE selection -10
VCE =2V; IC =150 mA
[1] 63
-
160
hFE selection -16
VCE =2V; IC =150 mA
[1] 100
-
250
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB =50mA
[1] -
-
500
mV
VBE
base-emitter voltage
VCE =2V; IC =500 mA
[1] --1
V
Cc
collector capacitance
VCB =10V; IE =ie = 0A; f=1MHz
-
6
-
pF
fT
transition frequency
VCE =5V; IC = 50 mA; f = 100 MHz
100
180
-
MHz
VCE =2V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 7.
DC current gain as a function of collector
current; typical values
Fig 8.
Collector current as a function of
collector-emitter voltage; typical values
006aac691
100
200
300
hFE
0
IC (A)
10–4
10
1
10–3
10–1
10–2
(1)
(2)
(3)
VCE (V)
0
2.0
1.6
0.8
1.2
0.4
006aaa084
0.8
0.4
1.2
1.6
IC
(A)
0
25
20
15
10
5
IB (mA) = 50
45
40
35
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com