Electronic Components Datasheet Search
  English  ▼

X  

BC55PAS Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # BC55PAS
Description  45V/60V/80V, 1A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC55PAS Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button BC55PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 13Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC54_55_56PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 11 November 2014
11 of 14
Nexperia
BC54PAS; BC55PAS; BC56PAS
45V/60V/80V, 1A NPN medium power transistors
11. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BC54_55_56PAS_SER v.1
20141111
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com