Electronic Components Datasheet Search
  English  ▼

X  

PEMI2QFN Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # PEMI2QFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI2QFN Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button PEMI2QFN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 14Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 15Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 16Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 17Page - Nexperia B.V. All rights reserved PEMI2QFN Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
13 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
6.4.2 Insertion loss (dB) at 800 MHz (
-filter structure)
6.4.3 Insertion loss (dB) at frequencies lower than 1 MHz (
-filter structure)
7.
Marking
Table 9.
Insertion loss (dB) at 800 MHz per RC combination; typical values
Tamb =25 C; unless otherwise specified.
PEMIxxxx/
xE
xG
xK
xM
xP
xR
xT
Cch (pF)
15
19
23
28
32
36
40
PEMIxxxx/
Rs(ch)
Cx
20
9dB
11 dB
13 dB
15 dB
16 dB
18 dB
19 dB
Hx
45
12 dB
14 dB
17 dB
19 dB
21 dB
23 dB
25 dB
Lx
65
14 dB
17 dB
19 dB
22 dB
25 dB
27 dB
29 dB
Rx
100
17 dB
20 dB
23 dB
26 dB
29 dB
32 dB
35 dB
Wx
200
22 dB
26 dB
29 dB
34 dB
36 dB
39 dB
41 dB
Table 10.
Insertion loss (dB) at
 1 MHz per RC combination; typical values
Tamb =25 C; unless otherwise specified.
PEMIxxxx/
xE
xG
xK
xM
xP
xR
xT
Cch (pF)
15
19
23
28
32
36
40
PEMIxxxx/
Rs(ch)
Cx
20
1.6 dB
1.6 dB
1.6 dB
1.6 dB
1.6 dB
1.6 dB
1.6 dB
Hx
45
3.2 dB
3.2 dB
3.2 dB
3.2 dB
3.2 dB
3.2 dB
3.2 dB
Lx
65
4.3 dB
4.3 dB
4.3 dB
4.3 dB
4.3 dB
4.3 dB
4.3 dB
Rx
100
6.0 dB
6.0 dB
6.0 dB
6.0 dB
6.0 dB
6.0 dB
6.0 dB
Wx
200
9.5 dB
9.5 dB
9.5 dB
9.5 dB
9.5 dB
9.5 dB
9.5 dB
Table 11.
Marking codes
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
PEMI1QFN/CE
CE
PEMI2QFN/LP
LP
PEMI4QFN/CE
CE
PEMI6QFN/LP
LP
PEMI1QFN/CG
CG
PEMI2QFN/LR
LR
PEMI4QFN/CG
CG
PEMI6QFN/LR
LR
PEMI1QFN/CK
CK
PEMI2QFN/LT
LT
PEMI4QFN/CK
CK
PEMI6QFN/LT
LT
PEMI1QFN/CM
CM
PEMI2QFN/RE
RE
PEMI4QFN/CM
CM
PEMI6QFN/RE
RE
PEMI1QFN/CP
CP
PEMI2QFN/RG
RG
PEMI4QFN/CP
CP
PEMI6QFN/RG
RG
PEMI1QFN/CR
CR
PEMI2QFN/RK
RK
PEMI4QFN/CR
CR
PEMI6QFN/RK
RK
PEMI1QFN/CT
CT
PEMI2QFN/RM
RM
PEMI4QFN/CT
CT
PEMI6QFN/RM
RM
PEMI1QFN/HE
HE
PEMI2QFN/RP
RP
PEMI4QFN/HE
HE
PEMI6QFN/RP
RP
PEMI1QFN/HG
HG
PEMI2QFN/RR
RR
PEMI4QFN/HG
HG
PEMI6QFN/RR
RR
PEMI1QFN/HK
HK
PEMI2QFN/RT
RT
PEMI4QFN/HK
HK
PEMI6QFN/RT
RT
PEMI1QFN/HM
HM
PEMI2QFN/WE
WE
PEMI4QFN/HM
HM
PEMI6QFN/WE
WE
PEMI1QFN/HP
HP
PEMI2QFN/WG
WG
PEMI4QFN/HP
HP
PEMI6QFN/WG
WG
PEMI1QFN/HR
HR
PEMI2QFN/WK
WK
PEMI4QFN/HR
HR
PEMI6QFN/WK
WK
PEMI1QFN/HT
HT
PEMI2QFN/WM
WM
PEMI4QFN/HT
HT
PEMI6QFN/WM
WM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com